Part Number Hot Search : 
127R2 C944P KBP02G FIN12AC HN25169 34101 LM311J8 2405D
Product Description
Full Text Search
 

To Download 4250-C-2530-A-000500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   phase-out cord sets 4250 www.schurter.com/pg07_ 2 connectors power supply cord with dk power (mains) plug 2-pole, angled denmark dk / sp 107- 2-d1 description power supply cord, - protection class i, pin temperature 70 c, cable references weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 2 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal moulded material: housing pvc, black or grey dimensions 36.6 mm 19 13 37.5 36.3 13 73
2 phase-out cord sets 4250 www.schurter.com/pg07_ 2 connectors config. code 4250 | - | r | - | type | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ steht fr die dose bzw. 2. seite, l?nge ist die leitungsl?nge in mm. 4250 | - | r | - | type | - | d | - | length | = cord type cord type configuration key h03vv-f 3g0,75mm2 c h05vv-f 3g0,75mm2 g cord definition is detailed in general product information xxx 4250 | - | r | - | type | - | d | - | length | = cord end 2 cord end 2 zzzz, 165 4 , 251 2 , 253 0 , 301 2 , 301 3 , 302 0 , 302 7 , 303 0 , 311 l , 312 l , 336 6 4250 | - | r | - | type | - | d | - | length | = color color configuration key jet black; ral9005 a silver grey; ral7001 b 4250 | - | r | - | type | - | d | - | length | = cord length cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 cord length in mm the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4250-C-2530-A-000500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X